Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC415 Fiches technique(PDF) 3 Page - Semtech Corporation

No de pièce SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Fiches technique(HTML) 3 Page - Semtech Corporation

  SC415 Datasheet HTML 1Page - Semtech Corporation SC415 Datasheet HTML 2Page - Semtech Corporation SC415 Datasheet HTML 3Page - Semtech Corporation SC415 Datasheet HTML 4Page - Semtech Corporation SC415 Datasheet HTML 5Page - Semtech Corporation SC415 Datasheet HTML 6Page - Semtech Corporation SC415 Datasheet HTML 7Page - Semtech Corporation SC415 Datasheet HTML 8Page - Semtech Corporation SC415 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
SC415
3
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC415MLTRT(1)
MLPQ-24 4X4
SC415EVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Available in lead-free package only. Device is WEEE and RoHS
compliant.
LX1
BST1
VDD1
DL1
EN1
SS1
LX2
BST2
VDD2
DL2
EN2
SS2
GND
(PAD)
MLPQ24: 4x4 24 LEAD
TOP VIEW
1
7
6
12
13
18
19
24
SC415
nnnn = Part Number (example: SC415
yyww = Date Code (example: 0652)
xxxxx = Semtech Lot No. (example: 09010
xxxxx
01-10)
SC415
yyww
xxxxx
xxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30