| Moteur de recherche de fiches techniques de composants électroniques |
|
SC121 Fiches technique(PDF) 21 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC121 Fiches technique(HTML) 21 Page - Semtech Corporation |
|
21 / 23 page ![]() SC121 21 (LASER MARK) INDICATOR PIN 1 1 N 2 MIN aaa bbb b e L N D A1 A DIM MILLIMETERS NOM DIMENSIONS MAX NOM INCHES MIN MAX A A1 D1 E1 .035 .035 .026 .031 0.80 0.65 0.90 0.90 .055 -- 1.40 E .079 2.00 - - bxN A2 (.006) (.152) .055 .063 1.40 1.60 .075 .083 1.90 2.10 A2 LxN D E E1 D1 NOTES: CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS TERMINALS. 2. 1. .003 .007 6 .010 .059 .000 .020 0.08 0.25 6 .012 0.18 .024 .002 0.00 0.50 0.30 1.50 0.05 0.60 .004 0.10 0.50 BSC .020 BSC 0.30 .012 .016 .014 0.35 0.40 aaa C SEATING PLANE A bbb C A B B e C - - Outline Drawing — MLPD-UT-6 1.5x2 |