| Moteur de recherche de fiches techniques de composants électroniques |
|
ECES2EC271DB Fiches technique(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECES2EC271DB Fiches technique(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 4 page ![]() Aluminum Electrolytic Capacitors/MC — EE167 — Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. n (A) (mm) (V) (µF) (pcs) (mm) 6.3mm 4.0mm Terminal Length Terminal Length Specification Dia. Case size Cap. (±20%) W.V. Ripple current (120Hz) (+105 °C) Standard Products Min.PackagingQ'ty (Standard Terminals) Part No. Length Endurance : 105 °C 2000h Terminal Pitch : 10mm When capacitors of φ35xφ45L are mounted on PWB, reinforce them with mounting clamp or adhesives.(Avoid using adhesives including halogenated compositions.) 180 22 25 0.90 0.15 ECES2DC181BB ECEC2DC181BB 200 220 22 30 1.00 0.15 ECES2DC221BB ECEC2DC221BB 200 25 25 1.00 0.15 ECES2DC221CB ECEC2DC221CB 200 270 22 35 1.10 0.15 ECES2DC271BB ECEC2DC271BB 200 25 30 1.10 0.15 ECES2DC271CB ECEC2DC271CB 200 30 25 1.10 0.15 ECES2DC271DB ECEC2DC271DB 100 330 22 40 1.20 0.15 ECES2DC331BB ECEC2DC331BB 200 25 30 1.20 0.15 ECES2DC331CB ECEC2DC331CB 200 30 25 1.20 0.15 ECES2DC331DB ECEC2DC331DB 100 390 22 45 1.30 0.15 ECES2DC391BB ECEC2DC391BB 200 25 35 1.30 0.15 ECES2DC391CB ECEC2DC391CB 200 30 30 1.30 0.15 ECES2DC391DB ECEC2DC391DB 100 470 22 50 1.40 0.15 ECES2DC471BB ECEC2DC471BB 200 200 25 40 1.40 0.15 ECES2DC471CB ECEC2DC471CB 200 30 30 1.40 0.15 ECES2DC471DB ECEC2DC471DB 100 560 25 45 1.50 0.15 ECES2DC561CB ECEC2DC561CB 200 30 35 1.50 0.15 ECES2DC561DB ECEC2DC561DB 100 35 30 1.50 0.15 ECES2DC561EB ECEC2DC561EB 100 680 25 50 1.70 0.15 ECES2DC681CB ECEC2DC681CB 200 30 40 1.70 0.15 ECES2DC681DB ECEC2DC681DB 100 35 30 1.70 0.15 ECES2DC681EB ECEC2DC681EB 100 820 30 45 2.00 0.15 ECES2DC821DB ECEC2DC821DB 100 35 35 2.00 0.15 ECES2DC821EB ECEC2DC821EB 100 1000 30 50 2.20 0.15 ECES2DC102DB ECEC2DC102DB 100 35 40 2.20 0.15 ECES2DC102EB ECEC2DC102EB 100 1200 35 45 2.30 0.15 ECES2DC122EB ECEC2DC122EB 100 1500 35 50 2.50 0.15 ECES2DC152EB ECEC2DC152EB 100 120 22 25 0.70 0.15 ECES2EC121BB ECEC2EC121BB 200 150 22 30 0.80 0.15 ECES2EC151BB ECEC2EC151BB 200 25 25 0.80 0.15 ECES2EC151CB ECEC2EC151CB 200 180 22 35 0.90 0.15 ECES2EC181BB ECEC2EC181BB 200 25 30 0.90 0.15 ECES2EC181CB ECEC2EC181CB 200 220 22 40 1.00 0.15 ECES2EC221BB ECEC2EC221BB 200 25 30 1.00 0.15 ECES2EC221CB ECEC2EC221CB 200 250 30 25 1.00 0.15 ECES2EC221DB ECEC2EC221DB 100 270 22 45 1.10 0.15 ECES2EC271BB ECEC2EC271BB 200 25 35 1.10 0.15 ECES2EC271CB ECEC2EC271CB 200 30 30 1.10 0.15 ECES2EC271DB ECEC2EC271DB 100 330 22 50 1.20 0.15 ECES2EC331BB ECEC2EC331BB 200 25 40 1.20 0.15 ECES2EC331CB ECEC2EC331CB 200 30 30 1.20 0.15 ECES2EC331DB ECEC2EC331DB 100 390 25 45 1.30 0.15 ECES2EC391CB ECEC2EC391CB 200 tan δ (120Hz) (+20 °C) (Without P.V.C.plate) (Without P.V.C.plate) Mar. 2005 |