| Moteur de recherche de fiches techniques de composants électroniques |
|
M68SC302ADS Fiches technique(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68SC302ADS Fiches technique(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 8 page ![]() MC68SC302 PRODUCT INFORMATION Figure 2. Passive NT Terminal Adaptor Block Diagram Figure 3 shows a basic rate terminal adaptor with the 4-wire S/T interface. This architecture is almost identical to the U interface TA with the exception that the TA clock source is provided to the S/T transceiver from the MC68SC302. Figure 3. Passive TE Terminal Adaptor Block Diagram with S/T Interface Figure 4 shows a more full featured terminal adaptor. The two added features are the “Plain Old Telephone” (POTs) interface and a optional modem datapump. Up to two POTs interfaces can be added on the board to support simultaneous B channel voice call. The ISA interface provides a separate chip select for an external data pump which uses an MC145480 to produce an 8khz PCM output that can be directly connected to the IDL or GCI bus. MC68SC302 145572 U I/F LINE I/F IDL OR GCI BUS SERIAL EEPROM ISA BUS 20.048 MHZ CLOCK 20.048 MHZ MC68SC302 145574 S/T I/F LINE I/F IDL OR GCI BUS SERIAL EEPROM ISA BUS 15.36 MHZ CLOCK 15.36 MHZ Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |