| Moteur de recherche de fiches techniques de composants électroniques |
|
FS403 Fiches technique(PDF) 35 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS403 Fiches technique(HTML) 35 Page - List of Unclassifed Manufacturers |
|
35 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 35 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. 4.5.8 VSC – Vertical Scaling Coefficient Vertical Scaling Coefficient (E) 7 6 5 4 3 2 1 0 VSC7 VSC6 VSC5 VSC4 VSC3 VSC2 VSC1 VSC0 Vertical Scaling Coefficient (F) 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 Register Bit# Bit Name Description E 7-0 VSC7-0 Vertical scaling coefficient bits [7:0], m. Vertical scaling factor = (1 - m/ 256). m is the line reduction number modulo 256 due to vertical filtering. F - - Load. Writing to register F activates register E data. Range: {0:[192]} Restrictions: 1. At all times: 2. NTSC : ILS + OVO < 259 3. PAL: ILS + OVO < 310 Example: 480 line VGA image mapped to 400 line image. VSC = (1-(400/480))*256 = 42.667 Use 42 for the Coefficient value ⎟ ⎟ ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎜ ⎜ ⎝ ⎛ − − < 64 1 1 * 2 1 VSC IVC ILS |