| Moteur de recherche de fiches techniques de composants électroniques |
|
FS401 Fiches technique(PDF) 86 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS401 Fiches technique(HTML) 86 Page - List of Unclassifed Manufacturers |
|
86 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 86 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. Data received or transmitted on the SIODATA line must be stable for the duration of the positive-going SIOCLK pulse. Data on SIODATA may change only when SIOCLK = L. An SIODATA transition while SIOCLK = H is interpreted as a start or stop signal. Figure 16. Serial Port Read/Write Timing Figure 17. Serial Interface – Typical Byte Transfer |