| Moteur de recherche de fiches techniques de composants électroniques |
|
SR1640CS Fiches technique(PDF) 2 Page - Rectron Semiconductor |
|
|
|||||||||||||||||||||||||||||
SR1640CS Fiches technique(HTML) 2 Page - Rectron Semiconductor |
|
2 / 2 page ![]() RECTRON RATING AND CHARACTERISTIC CURVES ( SR1620CS THRU SR1660CS ) FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE CASE TEMPERATURE, ( ) 0 50 100 150 20 16 12 8 4 0 Single Phase Half Wave 60Hz Inductive or Resistive Load FIG. 4 - TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE, ( V ) 4000 2000 1000 800 600 400 200 100 .1 .4 1.0 4 10 40 80 100 SR1620CS~SR1645CS SR1650CS~SR1660CS FIG. 2 - TYPICAL REVERSE CHARACTERISTICS PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) 10 1.0 .1 .01 .001 20 0 40 60 80 100 120 140 TC = 150 TC = 125 TC = 75 TC = 25 SR1620CS~SR1645CS SR1650CS~SR1660CS FIG. 5 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD VOLTAGE, (V) 50 10 1.0 0.1 .1 .2 .3 .4 .5 .6 .7 .8 .9 TJ = 125 TJ = 25 Pulse Width=300uS 1% Duty Cycle FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT NUMBER OF CYCLES AT 60Hz 175 150 125 100 75 50 25 1 2 5 10 20 50 100 8.3ms Single Half Sine-Wave (JEDED Method) |