| Moteur de recherche de fiches techniques de composants électroniques |
|
SPMCK16Z4MPV20 Fiches technique(PDF) 455 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 Fiches technique(HTML) 455 Page - Freescale Semiconductor, Inc |
|
455 / 500 page ![]() M68HC16 Z SERIES INITIALIZATION AND PROGRAMMING EXAMPLES USER’S MANUAL E-3 ***** SRAM MODULE REGISTERS ***** RAMMCR EQU $FB00 ;RAM MODULE CONFIGURATION REGISTER RAMTST EQU $FB02 ;RAM TEST REGISTER RAMBAH EQU $FB04 ;RAM BASE ADDRESS HIGH REGISTER RAMBAL EQU $FB06 ;RAM BASE ADDRESS LOW REGISTER ***** MRM MODULE REGISTERS ***** MRMCR EQU $F820 ;MASKED ROM MODULE CONFIGURATION REGISTER ROMBAH EQU $F824 ;ROM ARRAY BASE ADDRESS REGISTER HIGH ROMBAL EQU $F826 ;ROM ARRAY BASE ADDRESS REGISTER LOW SIGHI EQU $F828 ;SIGNATURE REGISTER HIGH SIGLO EQU $F82A ;SIGNATURE REGISTER LOW ROMBS0 EQU $F830 ;ROM BOOTSTRAP WORD 0 ROMBS1 EQU $F832 ;ROM BOOTSTRAP WORD 1 ROMBS2 EQU $F834 ;ROM BOOTSTRAP WORD 2 ROMBS3 EQU $F836 ;ROM BOOTSTRAP WORD 3 ***** QSM MODULE REGISTERS ***** QMCR EQU $FC00 ;QSM MODULE CONFIGURATION REGISTER QTEST EQU $FC02 ;QSM TEST REGISTER QILR EQU $FC04 ;QSM INTERRUPT LEVELS REGISTER QIVR EQU $FC05 ;QSM INTERRUPT VECTOR REGISTER SCCR0 EQU $FC08 ;SCI CONTROL REGISTER 0 SCCR1 EQU $FC0A ;SCI CONTROL REGISTER 1 SCSR EQU $FC0C ;SCI STATUS REGISTER SCDR EQU $FC0E ;SCI DATA REGISTER (FULL WORD, NOT LAST 8 BITS) QPDR EQU $FC15 ;QSM PORT DATA REGISTER QPAR EQU $FC16 ;QSM PIN ASSIGNMENT REGISTER QDDR EQU $FC17 ;QSM DATA DIRECTION REGISTER SPCR0 EQU $FC18 ;QSPI CONTROL REGISTER 0 SPCR1 EQU $FC1A ;QSPI CONTROL REGISTER 1 SPCR2 EQU $FC1C ;QSPI CONTROL REGISTER 2 SPCR3 EQU $FC1E ;QSPI CONTROL REGISTER 3 SPSR EQU $FC1F ;QSPI STATUS REGISTER RR0 EQU $FD00 ;SPI REC.RAM 0 RR1 EQU $FD02 ;SPI REC.RAM 1 RR2 EQU $FD04 ;SPI REC.RAM 2 RR3 EQU $FD06 ;SPI REC.RAM 3 RR4 EQU $FD08 ;SPI REC.RAM 4 RR5 EQU $FD0A ;SPI REC.RAM 5 RR6 EQU $FD0C ;SPI REC.RAM 6 RR7 EQU $FD0E ;SPI REC.RAM 7 RR8 EQU $FD00 ;SPI REC.RAM 8 RR9 EQU $FD02 ;SPI REC.RAM 9 RRA EQU $FD04 ;SPI REC.RAM A RRB EQU $FD06 ;SPI REC.RAM B RRC EQU $FD08 ;SPI REC.RAM C RRD EQU $FD0A ;SPI REC.RAM D RRE EQU $FD0C ;SPI REC.RAM E RRF EQU $FD0E ;SPI REC.RAM F TR0 EQU $FD20 ;SPI TXD.RAM 0 TR1 EQU $FD22 ;SPI TXD.RAM 1 TR2 EQU $FD24 ;SPI TXD.RAM 2 TR3 EQU $FD26 ;SPI TXD.RAM 3 TR4 EQU $FD28 ;SPI TXD.RAM 4 TR5 EQU $FD2A ;SPI TXD.RAM 5 TR6 EQU $FD2C ;SPI TXD.RAM 6 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |