| Moteur de recherche de fiches techniques de composants électroniques |
|
SPMCK16Z4MPV20 Fiches technique(PDF) 37 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 Fiches technique(HTML) 37 Page - Freescale Semiconductor, Inc |
|
37 / 500 page ![]() M68HC16 Z SERIES OVERVIEW USER’S MANUAL 3-3 M68HC16 Z-series microcontrollers are available in both 132- and 144-pin packages. Figure 3-4 shows an MC68HC16Z1/CKZ1/CMZ1/Z2/Z3 pin assignment drawing based on a 132-pin plastic surface-mount package. Figure 3-5 shows an MC68HC16Z1/CKZ1/CMZ1/Z2/Z3 pin assignment drawing based on a 144-pin plastic surface-mount package. Figure 3-6 shows an MC68HC16Z4/CKZ4 pin assignment drawing based on a 132-pin plastic surface-mount package. Figure 3-7 shows an MC68HC16Z4/CKZ4 pin assignment drawing based on a 144-pin plastic surface- mount package. Refer to APPENDIX B MECHANICAL DATA AND ORDERING IN- FORMATION for information on how to obtain package dimensions. Refer to subse- quent paragraphs in this section for pin and signal descriptions. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |