Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PACUSB-D2 Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce PACUSB-D2
Description  USB Downstream Port Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSB-D2 Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button PACUSB-D2 Datasheet HTML 2Page - ON Semiconductor PACUSB-D2 Datasheet HTML 3Page - ON Semiconductor PACUSB-D2 Datasheet HTML 4Page - ON Semiconductor PACUSB-D2 Datasheet HTML 5Page - ON Semiconductor PACUSB-D2 Datasheet HTML 6Page - ON Semiconductor PACUSB-D2 Datasheet HTML 7Page - ON Semiconductor PACUSB-D2 Datasheet HTML 8Page - ON Semiconductor PACUSB-D2 Datasheet HTML 9Page - ON Semiconductor PACUSB-D2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PACUSB-D1/D2/D3
Rev. 2 | Page 9 of 10 | www.onsemi.com
Mechanical Details (continued)
SC70-5 Mechanical Specifications:
Dimensions for PACUSB-D1/D2/D3 devices packaged in a 5-pin SC70 package are presented below.
For complete information on the SC70-5 package, see the California Micro Devices SC70 Package Information
document.
PACKAGE DIMENSIONS
Package
SC70-5
(JEDEC name is MO-203 Issue A)
Pins
5
Millimeters
Dimensions
Min
Max
A
0.80
1.10
A1
0.00
0.10
A2
0.70
1.00
B
0.15
0.30
c
0.08
0.25
D
1.85
2.25
E
1.15
1.35
e
0.65 BSC
HE
2.00
2.40
L
0.26
0.46
# / bag
1000 pieces*
# / tape and reel
3000 pieces*
* This is an approximate amount which may vary.
TOP VIEW
e
e
E HE
B
A
SIDE VIEW
L
END VIEW
D
A2
A1
c
12
3
54
Package Dimensions for SC70-5.



Html Pages

1 2 3 4 5 6 7 8 9 10