Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EP3SL340 Fiches technique(PDF) 13 Page - Altera Corporation

No de pièce EP3SL340
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Fiches technique(HTML) 13 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 9Page - Altera Corporation EP3SL340 Datasheet HTML 10Page - Altera Corporation EP3SL340 Datasheet HTML 11Page - Altera Corporation EP3SL340 Datasheet HTML 12Page - Altera Corporation EP3SL340 Datasheet HTML 13Page - Altera Corporation EP3SL340 Datasheet HTML 14Page - Altera Corporation EP3SL340 Datasheet HTML 15Page - Altera Corporation EP3SL340 Datasheet HTML 16Page - Altera Corporation EP3SL340 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–3
Electrical Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Recommended Operating Conditions
This section lists the functional operation limits for AC and DC parameters for
Stratix III devices. Table 1–3 lists the steady-state voltage and current values expected
from Stratix III devices. All supplies are required to monotonically reach their full-rail
values within tRAMP.
Table 1–2. Maximum Allowed Overshoot During Transitions
Symbol
Parameter
Condition
Overshoot Duration as a % of
High Time
Unit
Vi (AC)
AC Input Voltage (1)
4
100.000
%
4.05
79.330
%
4.1
46.270
%
4.15
27.030
%
4.2
15.800
%
4.25
9.240
%
4.3
5.410
%
4.35
3.160
%
4.4
1.850
%
4.45
1.080
%
4.5
0.630
%
4.55
0.370
%
4.6
0.220
%
4.65
0.130
%
4.7
0.074
%
4.75
0.043
%
4.8
0.025
%
4.85
0.015
%
Note to Table 1–2:
(1) This input voltage is regardless of the V
CCIO supply which is used to power up the input buffer.
Table 1–3. Recommended Operating Conditions for Stratix III Devices (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
V
CCL
Selectable core voltage power supply for
internal logic and input buffers
—
1.05
1.1
1.15
V
Selectable core voltage power supply for
internal logic and input buffers
—
0.86
0.9
0.94
V
V
CC
I/O registers power supply
—
1.05
1.1
1.15
V
V
CCD_PLL
PLL digital power supply
—
1.05
1.1
1.15
V
V
CCA_PLL
PLL analog power supply
—
2.375
2.5
2.625
V
V
CCPT
Power supply for the programmable power
technology
—
2.375
2.5
2.625
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More