Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TUSB3210 Fiches technique(PDF) 16 Page - Texas Instruments

No de pièce TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Fiches technique(HTML) 16 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 12Page - Texas Instruments TUSB3210 Datasheet HTML 13Page - Texas Instruments TUSB3210 Datasheet HTML 14Page - Texas Instruments TUSB3210 Datasheet HTML 15Page - Texas Instruments TUSB3210 Datasheet HTML 16Page - Texas Instruments TUSB3210 Datasheet HTML 17Page - Texas Instruments TUSB3210 Datasheet HTML 18Page - Texas Instruments TUSB3210 Datasheet HTML 19Page - Texas Instruments TUSB3210 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
www.ti.com
2.3
Buffers + I/O RAM Map
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
The address range from FD80 to FFFF is reserved for data buffers, setup packet, endpoint descriptor
blocks (EDB), and all I/O. RAM space of 512 bytes [FD80–FF7F] is used for EDB and buffers. The
FF80–FFFF range is used for memory-mapped registers (MMR). Table 2-1 represents the internal XDATA
space allocation.
Table 2-1. XDATA Space
DESCRIPTION
ADDRESS RANGE
FFFF
Internal
memory-mapped registers
↑
(MMR)
FF80
FF7F
Endpoint descriptor blocks
↑
(EDB)
FF08
FF07
Setup packet buffer
↑
FF00
FEFF
512-Byte
Input endpoint-0 buffer
↑
RAM
FEF8
FEF7
Output endpoint-0 buffer
↑
FEF0
FEEF
Data buffers
↑
(368 bytes)
FD80
Functional Description
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45