Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B25620B1237K101 Fiches technique(PDF) 4 Page - EPCOS

No de pièce B25620B1237K101
Description  Film capacitors- Power electronic capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B25620B1237K101 Fiches technique(HTML) 4 Page - EPCOS

  B25620B1237K101 Datasheet HTML 1Page - EPCOS B25620B1237K101 Datasheet HTML 2Page - EPCOS B25620B1237K101 Datasheet HTML 3Page - EPCOS B25620B1237K101 Datasheet HTML 4Page - EPCOS B25620B1237K101 Datasheet HTML 5Page - EPCOS B25620B1237K101 Datasheet HTML 6Page - EPCOS B25620B1237K101 Datasheet HTML 7Page - EPCOS B25620B1237K101 Datasheet HTML 8Page - EPCOS B25620B1237K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Film capacitors – Power electronic capacitors
MKP PEC DC
B2562*
Preliminary data
FK PEC
June 2010
Page 4 of 10
.
Lowest operating temperature Θ
Θ
Θ
Θmin
Lowest permitted ambient temperature at which a capacitor may be energized.
Maximum operating temperature Θ
Θ
Θ
Θmax
Highest permitted capacitor temperature during operation, i.e. temperature at the hottest point of the
case.
Hot-spot temperature Θ
Θ
Θ
Θhs
Temperature zone inside of the capacitor at hottest spot.
Tangent of the loss angle of a capacitor tan δ
δδδ
Ratio between the equivalent series resistance and the capacitive reactance of a capacitor at a
specified sinusoidal alternating voltage, frequency and temperature.
Series resistance Rs
The sum of all Ohmic resistances occurring inside the capacitor.
Thermal resistance Rth
The thermal resistance indicates by how many degrees the capacitor temperature at the hot spot
rises in relation to the dissipation losses.
Maximum power loss Pmax
Maximum permissible power dissipation for the capacitor’s operation.
Pmax =
th
A
hs
R
Θ
−
Θ
Self inductance Lself
The sum of all inductive elements which are contained in a capacitor.
Resonance frequency fr
The lowest frequency at which the impedance of the capacitor becomes minimum.
fr =
R
self
C
L
2
1
⋅
⋅
π
Specifications and characteristics
Application:
The MKP DC series is designed for DC-link applications. Some typical examples of DC-Link
applications are as follows: converters, frequency drives, power conversion, uninterruptible power
supplies, transportation, wind power, solar power, power distribution, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com