| Moteur de recherche de fiches techniques de composants électroniques |
|
JN2AS10UL1-R Fiches technique(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
JN2AS10UL1-R Fiches technique(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd. |
|
1 / 22 page ![]() COMPONENTS PRODUCT INFORMATION CONNECTOR NEW 1/22 MB-0054-8 October 2009 JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd. JN1/JN2 Series Small Circular Connector Receptacle Angle Plug Straight Plug Individual Plug This product is a waterproof circular connector with one-touch lock mechanism developed as an interface for industrial devices. It is available in the all-plastic type JN1, and the partially metal-reinforced robust type JN2. Both are compact designs and suitable for a variety of electronic devices. JN1 and JN2 are UL certified. The 4-contact JN2 is TUV certified. (Patent and design registration applications have been filed.) [JN1] [JN2] [JN1] [JN2] Wall Mount Receptacle Cable Connecting Receptacle RoHS Compliant Dust Cap Panel Mount Plug |
Numéro de pièce similaire - JN2AS10UL1-R |
|
Description similaire - JN2AS10UL1-R |