Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LVC573ADBLE Fiches technique(PDF) 12 Page - Texas Instruments

No de pièce SN74LVC573ADBLE
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC573ADBLE Fiches technique(HTML) 12 Page - Texas Instruments

Back Button SN74LVC573ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 9Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 10Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 11Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 12Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 13Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 14Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 15Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC573ADBR
SSOP
DB
20
2000
330.0
16.4
8.2
7.5
2.5
12.0
16.0
Q1
SN74LVC573ADGVR
TVSOP
DGV
20
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
SN74LVC573ADWR
SOIC
DW
20
2000
330.0
24.4
10.8
13.0
2.7
12.0
24.0
Q1
SN74LVC573AGQNR
BGA MI
CROSTA
R JUNI
OR
GQN
20
1000
330.0
12.4
3.3
4.3
1.5
8.0
12.0
Q1
SN74LVC573ANSR
SO
NS
20
2000
330.0
24.4
8.2
13.0
2.5
12.0
24.0
Q1
SN74LVC573APWR
TSSOP
PW
20
2000
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
SN74LVC573APWT
TSSOP
PW
20
250
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
SN74LVC573ARGYR
VQFN
RGY
20
3000
330.0
12.4
3.8
4.8
1.6
8.0
12.0
Q1
SN74LVC573AZQNR
BGA MI
CROSTA
R JUNI
OR
ZQN
20
1000
330.0
12.4
3.3
4.3
1.5
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Aug-2010
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28