| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM647ZUTD9 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647ZUTD9 Fiches technique(HTML) 11 Page - Texas Instruments |
|
11 / 181 page ![]() TMS320DM647 TMS320DM648 www.ti.com SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009 2.3 C64x+ CPU The C64x+ core uses a two-level cache-based architecture. The Level 1 program memory/cache (L1P) consists of 32KB memory space that can be configured as mapped memory or direct mapped cache. The Level 1 data memory/cache (L1D) consists of 32KB that can be configured as mapped memory or 2-way associated cache. The Level 2 memory/cache (L2) consists of a 256KB (DM647)/512 KB (DM648) memory space that is shared between program and data space. L2 memory can be configured as mapped memory, cache, or a combination of both. Table 2-2 shows a memory map of the C64x+ CPU cache registers for the device. Table 2-2. C64x+ Cache Registers HEX ADDRESS RANGE REGISTER ACRONYM DESCRIPTION 0x0184 0000 L2CFG L2 cache configuration register 0x0184 0020 L1PCFG L1P size cache configuration register 0x0184 0024 L1PCC L1P freeze mode cache configuration register 0x0184 0040 L1DCFG L1D size cache configuration register 0x0184 0044 L1DCC L1D freeze mode cache configuration register 0x0184 0048 - 0x0184 0FFC - Reserved 0x0184 1000 - Reserved 0x0184 1004 - 0x0184 1FFC - Reserved 0x0184 2000 L2ALLOC0 L2 allocation register 0 0x0184 2004 L2ALLOC1 L2 allocation register 1 0x0184 2008 L2ALLOC2 L2 allocation register 2 0x0184 200C L2ALLOC3 L2 allocation register 3 0x0184 2010 - 0x0184 3FFF - Reserved 0x0184 4000 L2WBAR L2 writeback base address register 0x0184 4004 L2WWC L2 writeback word count register 0x0184 4010 L2WIBAR L2 writeback invalidate base address register 0x0184 4014 L2WIWC L2 writeback invalidate word count register 0x0184 4018 L2IBAR L2 invalidate base address register 0x0184 401C L2IWC L2 invalidate word count register 0x0184 4020 L1PIBAR L1P invalidate base address register 0x0184 4024 L1PIWC L1P invalidate word count register 0x0184 4030 L1DWIBAR L1D writeback invalidate base address register 0x0184 4034 L1DWIWC L1D writeback invalidate word count register 0x0184 4038 - Reserved 0x0184 4040 L1DWBAR L1D block writeback 0x0184 4044 L1DWWC L1D block writeback 0x0184 4048 L1DIBAR L1D invalidate base address register 0x0184 404C L1DIWC L1D invalidate word count register 0x0184 4050 - 0x0184 4FFF - Reserved 0x0184 5000 L2WB L2 writeback all register 0x0184 5004 L2WBINV L2 writeback invalidate all register 0x0184 5008 L2INV L2 global invalidate without writeback 0x0184 500C - 0x0184 5027 - Reserved 0x0184 5028 L1PINV L1P global invalidate 0x0184 502C - 0x0184 5039 - Reserved 0x0184 5040 L1DWB L1D global writeback 0x0184 5044 L1DWBINV L1D global writeback with invalidate 0x0184 5048 L1DINV L1D global invalidate without writeback Copyright © 2010–2009, Texas Instruments Incorporated Device Overview 11 Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |