Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC8520RHAT Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC8520RHAT
Description  2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC8520RHAT Fiches technique(HTML) 9 Page - Texas Instruments

Back Button CC8520RHAT Datasheet HTML 5Page - Texas Instruments CC8520RHAT Datasheet HTML 6Page - Texas Instruments CC8520RHAT Datasheet HTML 7Page - Texas Instruments CC8520RHAT Datasheet HTML 8Page - Texas Instruments CC8520RHAT Datasheet HTML 9Page - Texas Instruments CC8520RHAT Datasheet HTML 10Page - Texas Instruments CC8520RHAT Datasheet HTML 11Page - Texas Instruments CC8520RHAT Datasheet HTML 12Page - Texas Instruments CC8520RHAT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CC8520
WWW.TI.COM
SWRS091A – MARCH 2010
9
Copyright
© 2010, Texas Instruments Incorporated
4
NETWORK TOPOLOGY AND NOMENCLATURE
A CC8520 network consists of one Protocol Master (PM) and one or two Protocol Slave(s) (PS). The PM
provides the audio reference clock and controls network association. The PS regenerate the audio reference
clock based on the packets received. Audio can be transmitted from the PM to a PS. The device receiving the
audio is called an Audio Sink, the device sending the audio is called an Audio Source. A device can be both
Audio Sink and Audio Source at the same time (bidirectional audio will be supported in future revisions of the
firmware). The CC8520 network also includes a Data Side-Channel which is a bi-directional data link between
the PM and all PS in the network. This is further described in chapter 8.
Figure 3 illustrates the different network topologies that can be formed with CC8520 using the different
firmware versions.
1 audio channel:
mono audio PM to PS
2 audio channels:
stereo audio PM to PS
2 channels:
mono audio PM to PS1
mono audio PM to PS2
2 channels:
mono audio PS1 to PM
mono audio PS2 to PM
2 channels:
mono audio PM to PS
mono audio PS to PM
2 channels:
mono audio PM to PS1
mono audio PS2 to PM
Figure 3 CC8520 topologies supported for different CC8520 FW revisions
(Yellow arrow = audio channel. Blue arrow = data side channel. PM = Protocol Master. PS = Protocol Slave)
PM
PS
FW1.0
PM
PS1
PS2
FW1.1
PM
PS1
PS2
FW1.1
PM
PS1
PS2
FW2.0
PM
PS
FW2.0
PM
PS
Data channel
Audio channel
FW1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19