Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LVC1G19DBVR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74LVC1G19DBVR
Description  1-OF-2 DECODER/DEMULTIPLEXER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G19DBVR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G19DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC1G19DBVR
SOT-23
DBV
6
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1G19DBVT
SOT-23
DBV
6
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1G19DCKR
SC70
DCK
6
3000
180.0
9.2
2.24
2.34
1.22
4.0
8.0
Q3
SN74LVC1G19DCKR
SC70
DCK
6
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74LVC1G19DRLR
SOT
DRL
6
4000
180.0
9.2
1.78
1.78
0.69
4.0
8.0
Q3
SN74LVC1G19DRYR
SON
DRY
6
5000
179.0
8.4
1.2
1.65
0.7
4.0
8.0
Q1
SN74LVC1G19YZPR
DSBGA
YZP
6
3000
180.0
8.4
1.02
1.52
0.63
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Jul-2010
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19