Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCM61002 Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCM61002
Description  Two Output, Integrated VCO, Low-Jitter Clock Generator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCM61002 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button CDCM61002 Datasheet HTML 17Page - Texas Instruments CDCM61002 Datasheet HTML 18Page - Texas Instruments CDCM61002 Datasheet HTML 19Page - Texas Instruments CDCM61002 Datasheet HTML 20Page - Texas Instruments CDCM61002 Datasheet HTML 21Page - Texas Instruments CDCM61002 Datasheet HTML 22Page - Texas Instruments CDCM61002 Datasheet HTML 23Page - Texas Instruments CDCM61002 Datasheet HTML 24Page - Texas Instruments CDCM61002 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
CDCM61002
www.ti.com
SCAS870D – FEBRUARY 2009 – REVISED JULY 2010
Prescaler Divider and Feedback Divider
The VCO output is routed to the prescaler divider and then to the feedback divider. The prescaler divider and
feedback divider are set in tandem with each other, according to the control pin settings given in Table 4. The
allowable combinations of the two dividers ensure that the VCO frequency and the PFD frequency are within the
specified limits.
On-Chip VCO
The CDCM61002 includes an on-chip, LC oscillator-based VCO with low phase noise covering a frequency
range of 1.75 GHz to 2.05 GHz. The VCO must be calibrated to ensure proper operation over the valid device
operating conditions. VCO calibration is controlled by a divided-down reference clock input. This calibration
requires that the PLL be set up properly to lock the PLL loop and that the reference clock input be present.
During the first device initialization after power-up, which occurs after the Power On Reset is released (2.64 V or
lower, over valid device operating conditions) or a device reset with the RSTN pin, a VCO calibration sequence is
initiated after 16384 × Reference Input Clock Cycles. The VCO calibration then takes about 20 ms over the
allowable range of the reference clock input.
The VCO calibration can also be reinitiated with a pulse on the RSTN pin at any time after POR is released on
power-up; the RSTN pulse must be at least 100 ns wide.
Output Divider
The output from the prescaler divider is also routed to the output divider. The output divider can be set with
control pins according to Table 5.
Output Buffer
Each output buffer can be set to LVPECL or LVDS or 2x LVCMOS, according to Table 6. OSC_OUT is an
LVCMOS output that can be used in test mode to monitor proper loading of the input crystal in order to achieve
the necessary crystal frequency with the least error. The output buffers are disabled during VCO calibration and
are enabled only after calibration is complete.
The output buffers on the CDCM61002 can also be disabled, along with other sections of the device, using the
CE pin according to Table 7.
LVCMOS INPUT INTERFACE
Alternately, the CDCM61002 can be operated with an external ac-coupled 2.5-V LVCMOS or dc-coupled 3.3-V
LVCMOS reference input applied to the XIN pin. For optimal jitter performance, a 2.5-V LVCMOS input is
recommended. For proper operation, the LVCMOS reference should be available and fairly stable by the time the
power supply voltages or the RSTN pin voltage on the CDCM61002 reaches 2.27 V. Refer to application report
SCAA111, available for download at ti.com, for more details about the LVCMOS input interface to the
CDCM61002.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): CDCM61002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35