Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LVC00ADBLE Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce SN74LVC00ADBLE
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC00ADBLE Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74LVC00ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 9Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 10Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 11Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 12Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 13Page - Texas Instruments SN74LVC00ADBLE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC00ADBR
SSOP
DB
14
2000
330.0
16.4
8.2
6.6
2.5
12.0
16.0
Q1
SN74LVC00ADR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74LVC00ADR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74LVC00ADT
SOIC
D
14
250
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74LVC00ANSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
SN74LVC00APWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
SN74LVC00APWT
TSSOP
PW
14
250
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
SN74LVC00ARGYR
VQFN
RGY
14
3000
330.0
12.4
3.75
3.75
1.15
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Aug-2010
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22