Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LS07DBLE Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce SN74LS07DBLE
Description  HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LS07DBLE Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74LS07DBLE Datasheet HTML 4Page - Texas Instruments SN74LS07DBLE Datasheet HTML 5Page - Texas Instruments SN74LS07DBLE Datasheet HTML 6Page - Texas Instruments SN74LS07DBLE Datasheet HTML 7Page - Texas Instruments SN74LS07DBLE Datasheet HTML 8Page - Texas Instruments SN74LS07DBLE Datasheet HTML 9Page - Texas Instruments SN74LS07DBLE Datasheet HTML 10Page - Texas Instruments SN74LS07DBLE Datasheet HTML 11Page - Texas Instruments SN74LS07DBLE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LS07DBR
SSOP
DB
14
2000
330.0
16.4
8.2
6.6
2.5
12.0
16.0
Q1
SN74LS07DR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74LS07NSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13