| Moteur de recherche de fiches techniques de composants électroniques |
|
CP-RJ11 Fiches technique(PDF) 1 Page - Richco, Inc. |
|
|
|||||||||||||||||||||||||||||
CP-RJ11 Fiches technique(HTML) 1 Page - Richco, Inc. |
|
|
1 / 1 page ![]() NEW PRODUCT BULLETIN NEW PRODUCT BULLETIN For free samples, literature or technical assistance, contact our US Headquarters at 800-621-1892 www.richco-inc.com 08/09-2 Introducing the CP-RJ RJ45/RJ11 Connector Plug Markets • Telecommunications • Fiber to the home • Consumer Electronics Other Related Richco Product Solutions Features and Benefits • Plug developed for industry standard RJ45 and RJ11 Connectors • No stress applied to the connectors internal components upon entry • Release tab for operation in confined spaces CP-USB-A BPE-RJ45 BPE-LC BPE-SC Material: Silicone Rubber, RMS-383; Color: Black Standard Pack: 1,000 per bag Part No. "A" To Accommodate CP-RJ11 .41 (10.5) RJ11 Connector CP-RJ45 .49 (12.5) RJ45 Connector |
Numéro de pièce similaire - CP-RJ11 |
|
Description similaire - CP-RJ11 |