Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ACT08DBRG4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce SN74ACT08DBRG4
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT08DBRG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74ACT08DBRG4 Datasheet HTML 3Page - Texas Instruments SN74ACT08DBRG4 Datasheet HTML 4Page - Texas Instruments SN74ACT08DBRG4 Datasheet HTML 5Page - Texas Instruments SN74ACT08DBRG4 Datasheet HTML 6Page - Texas Instruments SN74ACT08DBRG4 Datasheet HTML 7Page - Texas Instruments SN74ACT08DBRG4 Datasheet HTML 8Page - Texas Instruments SN74ACT08DBRG4 Datasheet HTML 9Page - Texas Instruments SN74ACT08DBRG4 Datasheet HTML 10Page - Texas Instruments SN74ACT08DBRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74ACT08DBR
SSOP
DB
14
2000
330.0
16.4
8.2
6.6
2.5
12.0
16.0
Q1
SN74ACT08DR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74ACT08DR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74ACT08NSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
SN74ACT08PWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
30-Jul-2010
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17