| Moteur de recherche de fiches techniques de composants électroniques |
|
LMV821 Fiches technique(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV821 Fiches technique(HTML) 26 Page - Texas Instruments |
|
26 / 35 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LMV824PWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LMV821DBVR SOT-23 DBV 5 3000 205.0 200.0 33.0 LMV821DBVR SOT-23 DBV 5 3000 180.0 180.0 18.0 LMV821DBVT SOT-23 DBV 5 250 180.0 180.0 18.0 LMV821DBVT SOT-23 DBV 5 250 205.0 200.0 33.0 LMV821DCKR SC70 DCK 5 3000 205.0 200.0 33.0 LMV821DCKT SC70 DCK 5 250 180.0 180.0 18.0 LMV821IDBVR SOT-23 DBV 5 3000 203.0 203.0 35.0 LMV821IDBVT SOT-23 DBV 5 250 203.0 203.0 35.0 LMV821IDCKT SC70 DCK 5 250 180.0 180.0 18.0 LMV822DGKR MSOP DGK 8 2500 346.0 346.0 35.0 LMV822DR SOIC D 8 2500 340.5 338.1 20.6 LMV822IDGKR MSOP DGK 8 2500 370.0 355.0 55.0 LMV822IDR SOIC D 8 2500 340.5 338.1 20.6 LMV824DGVR TVSOP DGV 14 2000 346.0 346.0 29.0 LMV824DR SOIC D 14 2500 346.0 346.0 33.0 LMV824IDGVR TVSOP DGV 14 2000 346.0 346.0 29.0 PACKAGE MATERIALS INFORMATION www.ti.com 30-Jul-2010 Pack Materials-Page 2 |