| Moteur de recherche de fiches techniques de composants électroniques |
|
JN2 Fiches technique(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
JN2 Fiches technique(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd. |
|
5 / 8 page ![]() Table of Contents Product Series Contact Spacing Pages CIRCULAR JL04V.................................................................................................................................. 90 - 91 JL05 .................................................................................................................................... 92 - 93 JB1...................................................................................................................................... 94 - 95 SRCN.................................................................................................................................. 96 - 97 N/MS.................................................................................................................................. 98 - 99 FO-FC........................................................................................................................................100 FO-EX........................................................................................................................................101 PCB-TO-CABLE MX34 ...................................................1.1mm (.043") .............................................................102 MX7 .....................................................2.30mm (.091") ...........................................................103 IL-AG7 .................................................2.50mm (.098") ...........................................................104 MX17 ...................................................2.50mm (.098") ................................................. 105 - 106 MX23A.................................................2.50mm (.098") ................................................. 107 - 108 MX10 ...................................................2.50mm (.098") ...........................................................109 MX5 .....................................................3.00mm (.118") ...........................................................110 PCB-TO-CABLE/CABLE-TO-CABLE IL-AG5 .................................................2.50mm (.098") ...........................................................111 IL-AG6 .................................................2.50mm (.098") ...........................................................112 MX9 .....................................................3.50mm (.138") ...........................................................113 MX25 ...................................................6.7mm (2.64") .............................................................114 MX36 ...................................................2.50mm (.098") ...........................................................115 CABLE-TO-CABLE IL-AG9 .................................................2.50mm (.098") ................................................. 116 - 118 MX19 ...................................................2.50mm (.098") ...........................................................119 InPut/outPut connector ProductS autoMotIve connector ProductS • All JAE connector products shown in this catalog are lead free. • We reserve the right to modify designs in order to improve quality, keep pace with technological advancements or meet particular requirements in production. • Products shown in this catalog are made for the applications specified. However, if the above-mentioned products are to be used in aerospace devices, marine cable-connection devices, atomic power control systems, medical equipment for life- support systems, or any other specific application requiring extremely high reliability, please contact JAE for further information. Recommended Applications: Computers, Office Machines, Measuring Devices, Telecommunications Devices (Terminals, Mobile Devices) AV Devices, Household Applications, FA Devices, etc. • Refer to end of catalog for alphabetical index of products. FIBer oPtIc ProductS |