Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSAM3U Fiches technique(PDF) 14 Page - ATMEL Corporation

No de pièce ATSAM3U
Description  AT91ARM Cortex M3-based Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U Fiches technique(HTML) 14 Page - ATMEL Corporation

Back Button ATSAM3U Datasheet HTML 10Page - ATMEL Corporation ATSAM3U Datasheet HTML 11Page - ATMEL Corporation ATSAM3U Datasheet HTML 12Page - ATMEL Corporation ATSAM3U Datasheet HTML 13Page - ATMEL Corporation ATSAM3U Datasheet HTML 14Page - ATMEL Corporation ATSAM3U Datasheet HTML 15Page - ATMEL Corporation ATSAM3U Datasheet HTML 16Page - ATMEL Corporation ATSAM3U Datasheet HTML 17Page - ATMEL Corporation ATSAM3U Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
14
6430CS–ATARM–09-Apr-10
SAM3U Series
4.2.4
100-ball LFBGA Pinout
Table 4-4.
100-ball SAM3U4/2/1C Pinout
A1
VBG
C6
PB22
F1
PB1
H6
PA15/PGMD7
A2
XIN
C7
TMS/SWDIO
F2
PB12
H7
PA18/PGMD10
A3
XOUT
C8
NRSTB
F3
VDDIO
H8
PA24
A4
PB17
C9
JTAGSEL
F4
PA31
H9
PA1/PGMRDY
A5
PB21
C10
VDDBU
F5
VDDIO
H10
PA2/PGMNOE
A6
PB23
D1
DFSDM
F6
GND
J1
PB6
A7
TCK/SWCLK
D2
DHSDM
F7
PB16
J2
PB8
A8
VDDIN
D3
VDDPLL
F8
PA6/PGMM2
J3
ADVREF
A9
VDDOUT
D4
VDDCORE
F9
VDDCORE
J4
PA30
A10
XIN32
D5
PB20
F10
PA7/PGMM3
J5
PB3
B1
VDDCORE
D6
ERASE
G1
PB11
J6
PA16/PGMD8
B2
GNDUTMI
D7
TST
G2
PB2
J7
PA19/PGMD11
B3
VDDUTMI
D8
FWUP
G3
PB0
J8
PA21/PGMD13
B4
PB10
D9
PA11/PGMD3
G4
PB13
J9
PA26
B5
PB18
D10
PA12/PGMD4
G5
VDDCORE
J10
PA0/PGMNCMD
B6
PB24
E1
PA29
G6
GND
K1
PB7
B7
NRST
E2
GND
G7
PB15
K2
VDDANA
B8
TDO/TRACESWO
E3
PA28
G8
PA3/PGMNVALID
K3
GNDANA
B9
TDI
E4
PB9
G9
PA5/PGMM1
K4
AD12BVREF
B10
XOUT32
E5
GNDBU
G10
PA4/PGMM0
K5
PB4
C1
DFSDP
E6
VDDIO
H1
VDDCORE
K6
PA14/PGMD6
C2
DHSDP
E7
VDDCORE
H2
PB5
K7
PA17/PGMD9
C3
GNDPLL
E8
PA10/PGMD2
H3
PA27
K8
PA20/PGMD12
C4
PB14
E9
PA9/PGMD1
H4
PA22/PGMD14
K9
PA23/PGMD15
C5
PB19
E10
PA8/PGMD0
H5
PA13/PGMD5
K10
PA25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62