Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM6502SEAADG6F Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STM6502SEAADG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502SEAADG6F Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STM6502SEAADG6F Datasheet HTML 4Page - STMicroelectronics STM6502SEAADG6F Datasheet HTML 5Page - STMicroelectronics STM6502SEAADG6F Datasheet HTML 6Page - STMicroelectronics STM6502SEAADG6F Datasheet HTML 7Page - STMicroelectronics STM6502SEAADG6F Datasheet HTML 8Page - STMicroelectronics STM6502SEAADG6F Datasheet HTML 9Page - STMicroelectronics STM6502SEAADG6F Datasheet HTML 10Page - STMicroelectronics STM6502SEAADG6F Datasheet HTML 11Page - STMicroelectronics STM6502SEAADG6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Description
STM6502, STM6503, STM6504, STM6505
8/29
Doc ID 16101 Rev 5
Figure 3.
Block diagram - STM6502, STM6503, STM6504
1.
STM6504 only: SR0 and SRE are working independently. SRE is edge-triggered and has a special
debounce time (tDEBOUNCE = 240 ms min.) at the falling edge after a valid reset period.
Figure 4.
Block diagram - STM6505
VCC
VRST
COMPARE
SR0
SRC (STM6502)
TSR (STM6503,
STM6504)
RST
tREC
generator
Logic
SR1
(SRE
STM6504
only)(1)
Logic
AM00352a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29