Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV821 Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce LMV821
Description  Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV821 Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button LMV821 Datasheet HTML 7Page - ON Semiconductor LMV821 Datasheet HTML 8Page - ON Semiconductor LMV821 Datasheet HTML 9Page - ON Semiconductor LMV821 Datasheet HTML 10Page - ON Semiconductor LMV821 Datasheet HTML 11Page - ON Semiconductor LMV821 Datasheet HTML 12Page - ON Semiconductor LMV821 Datasheet HTML 13Page - ON Semiconductor LMV821 Datasheet HTML 14Page - ON Semiconductor LMV821 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LMV821, LMV822, LMV824
http://onsemi.com
11
ORDERING INFORMATION
Order Number
Number
of
Channels
Specific Device Marking
Package Type
Shipping†
LMV821SQ3T2G*
Single
AAE
SC−70
(Pb−Free)
3000 / Tape & Reel
LMV822DMR2G*
Dual
V822
Micro8
(Pb−Free)
4000 / Tape & Reel
LMV822DR2G*
Dual
V822
SOIC−8
(Pb−Free)
2500 / Tape & Reel
LMV824DR2G
Quad
LMV824
SOIC−14
(Pb−Free)
2500 / Tape & Reel
LMV824DTBR2G
Quad
LMV
824
TSSOP−14
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*Contact factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16