Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV331 Fiches technique(PDF) 13 Page - ON Semiconductor

No de pièce LMV331
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV331 Fiches technique(HTML) 13 Page - ON Semiconductor

Back Button LMV331 Datasheet HTML 9Page - ON Semiconductor LMV331 Datasheet HTML 10Page - ON Semiconductor LMV331 Datasheet HTML 11Page - ON Semiconductor LMV331 Datasheet HTML 12Page - ON Semiconductor LMV331 Datasheet HTML 13Page - ON Semiconductor LMV331 Datasheet HTML 14Page - ON Semiconductor LMV331 Datasheet HTML 15Page - ON Semiconductor LMV331 Datasheet HTML 16Page - ON Semiconductor LMV331 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LMV331, LMV393, LMV339
http://onsemi.com
13
ORDERING INFORMATION
Order Number
Number of Channels
Specific Device Marking
Package Type
Shipping†
LMV331SQ3T2G
Single
CCA
SC−70
(Pb−Free)
3000 / Tape & Reel
LMV331SN3T1G
Single
3CA
TSOP−5
(Pb−Free)
3000 / Tape & Reel
LMV331MU3TBG*
Single
3C
ULLGA8
(Pb−Free)
3000 / Tape & Reel
LMV393DMR2G
Dual
V393
Micro8
(Pb−Free)
4000 / Tape & Reel
LMV393DR2G
Dual
V393
SOIC−8
(Pb−Free)
2500 / Tape & Reel
LMV393MUTAG
Dual
CA
UDFN8
(Pb−Free)
3000 / Tape & Reel
LMV339DR2G
Quad
LMV339
SOIC−14
(Pb−Free)
2500 / Tape & Reel
LMV339DTBR2G
Quad
LMV
339
TSSOP−14
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*Contact factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21