| Moteur de recherche de fiches techniques de composants électroniques |
|
STM6510SCACDG6F Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6510SCACDG6F Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 26 page ![]() STM6510 Part numbering Doc ID 16788 Rev 2 23/26 6 Part numbering Table 12. Ordering information scheme For device options currently available refer to Table 13. For other options, voltage threshold values etc. or for more information on any aspect of this device, please contact the ST sales office nearest you. Example: STM6510 W C A C DG 6 F Device type STM6510 Reset (VCC monitoring threshold) voltage VRST L = 4.625 V (typ., falling) M = 4.375 V T = 3.075 V S = 2.925 V R = 2.625 V Z = 2.313 V Y = 2.188 V W = 1.665 V V = 1.575 V Smart Reset™ setup delay control (tSRC); presence of internal input pull-up on all Smart Reset™ inputs (SR0, SR1) C = 1 to 15 s, user-programmable (external capacitor); 65 k Ω input pull-up Output type A = open-drain, active-low Reset timeout period (tREC) C = user-programmable (external capacitor) Package DG = TDFN8 - 2 x 2 x 0.75 mm, 0.5 mm pitch Temperature range 6 = –40 °C to +85 °C Shipping method F = ECOPACK® package, tape and reel |