| Moteur de recherche de fiches techniques de composants électroniques |
|
PC312XDP512F0CFVR Fiches technique(PDF) 276 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR Fiches technique(HTML) 276 Page - Freescale Semiconductor, Inc |
|
276 / 1348 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.21 276 Freescale Semiconductor Operation Sets the Interrupt Flag of an XGATE Channel. This instruction supports two source forms. If inherent address mode is used, then the interrupt flag of the current channel (XGCHID) will be set. If the monadic address form is used, the interrupt flag associated with the channel id number contained in RS[6:0] is set. The content of RS[15:7] is ignored. CCR Effects Code and CPU Cycles SIF Set Interrupt Flag SIF NZ V C ———— N: Not affected. Z: Not affected. V: Not affected. C: Not affected. Source Form Address Mode Machine Code Cycles SIF INH 0000001100000000 PA SIF RS MON 0 0 0 0 0 RS 1 1 1 1 0 1 1 1 PA |