| Moteur de recherche de fiches techniques de composants électroniques |
|
SPMC68CK338CPV14 Fiches technique(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMC68CK338CPV14 Fiches technique(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 133 page ![]() MC68CK338 MOTOROLA MC68CK338TS/D 83 Figure 18 Time Base Bus Configuration As shown in Figure 18, each CTM submodule can access one of two global time base buses. TBB1 and TBB4 are collectively referred to as global time base bus TBBA. Likewise, TBB2 and TBB3 are col- lectively referred to as global time base bus TBBB. Table 46 shows which time base buses are available for each CTM6 submodule. Time base buses are used to transfer timing information from counters to action submodules. Each CTM6 submodule can either be a clock source module (and drive one or two of the time base buses) or an action submodule (and read and react to the timing information on the time base buses). Table 46 CTM6 Time Base Bus Allocation Global/Local Time Base Bus Allocation Global/Local Time Base Bus Allocation Submodule Global Bus A Global Bus B Submodule Global Bus A Global Bus B MCSM2 TBB4 TBB3 SASM18 TBB1 TBB2 FCSM3 TBB4 TBB3 SASM24 TBB1 TBB2 DASM4 – 10 TBB4 TBB3 DASM26 – 29 TBB1 TBB2 SASM12 – 14 TBB4 TBB3 MCSM30 – 31 TBB1 TBB2 SUBMODULE M BUS INTERFACE UNIT SUBMODULE (BIUSM) INTERMODULE BUS (IMB) TIME BASE BUS A (TBBA) SUBMODULE N SUBMODULE M+1 SUBMODULE M-1 SUBMODULE 1 SUBMODULE 2 TIME BASE BUS B (TBBB) CTM TBB BLOCK Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |