Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC44BS373CAD Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc

No de pièce MC44BS373CAD
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CAD Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CAD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Digital Home
10
Freescale Semiconductor
MC44CC373
The following rules apply for the sequences of data bytes
for incoming (write) information:
•
If an odd number of data bytes are received, the last
one is ignored.
•
If nine data bytes are received, the ninth and following
ones are ignored, and the last ACK pulse is sent at the
end of the eighth data byte.
•
The optional control register one, most significant and
least significant bytes, OC1M, OC1L, data must
always be sent after the C1,C0 control data without a
stop condition in between.
•
The optional control register two, most significant and
least significant bytes, OC2M, OC2L, data must be
sent directly after the OC1M, OC1L data without a
stop condition in between.
•
The Control and Frequency information may be sent
as separate I2C write sequences. (Example 1 or
Example 5 followed/preceeded by Example 2).
Abbreviations:
STA = Start condition
CA = Chip Address
FM = Frequency information, most significant (high order) bits
FL = Frequency information, least significant (low order) bits
C1 = Control information, most significant (high order) bits
CO = Control information, least significant (low order) bits
OC1M = Optional Control 1 information, most significant (high order) bits
OC1L= Optional Control 1 information, least significant (low order) bits
OC2M = Optional Control 2 information, most significant (high order) bits
OC2L = Optional Control 2 information, least significant (low order) bits
STO = Stop condition
I2C Read Mode Format
To read back the status data, the read address shown in
Table 10 is sent by the master. The modulator then responds
with an ACK followed by a byte containing status information
on the RF oscillator out-of-frequency range.
Table 11. MC44CC373/4 Programming Sequence (Incoming Information)
Legacy Devices Data Bytes
Example 1
STA
CA
C1
C0
STO
Example 2
STA
CA
FM
FL
STO
Example 3
STA
CA
C1
C0
FM
FL
STO
Example 4
STA
CA
FM
FL
C1
C0
STO
MC44CC37xxxxxx Devices using the Option Control Bytes
Example 5
STA
CA
C1
C0
OC1M
OC1L
OC2M
OC2L
STO
Example 6
STA
CA
FM
FL
C1
C0
OC1M
OC1L
OC2M
OC2L
STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28