Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT91SAM7SE512 Fiches technique(PDF) 32 Page - ATMEL Corporation

No de pièce AT91SAM7SE512
Description  Product Description
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7SE512 Fiches technique(HTML) 32 Page - ATMEL Corporation

Back Button AT91SAM7SE512 Datasheet HTML 28Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 29Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 30Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 31Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 32Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 33Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 34Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 35Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
32
6222ES–ATARM–15-Dec-09
AT91SAM7SE512/256/32 Preliminary
Figure 9-3.
Power Management Controller Block Diagram
9.4
Advanced Interrupt Controller
• Controls the interrupt lines (nIRQ and nFIQ) of an ARM Processor
• Individually maskable and vectored interrupt sources
– Source 0 is reserved for the Fast Interrupt Input (FIQ)
– Source 1 is reserved for system peripherals (RTT, PIT, EFC, PMC, DBGU, etc.)
– Other sources control the peripheral interrupts or external interrupts
– Programmable edge-triggered or level-sensitive internal sources
– Programmable positive/negative edge-triggered or high/low level-sensitive external
sources
• 8-level Priority Controller
– Drives the normal interrupt nIRQ of the processor
– Handles priority of the interrupt sources
– Higher priority interrupts can be served during service of lower priority interrupt
• Vectoring
– Optimizes interrupt service routine branch and execution
– One 32-bit vector register per interrupt source
– Interrupt vector register reads the corresponding current interrupt vector
•Protect Mode
– Easy debugging by preventing automatic operations
•Fast Forcing
– Permits redirecting any interrupt source on the fast interrupt
• General Interrupt Mask
– Provides processor synchronization on events without triggering an interrupt
MCK
periph_clk[2..14]
int
UDPCK
SLCK
MAINCK
PLLCK
Prescaler
/1,/2,/4,...,/64
PCK
Processor
Clock
Controller
Idle Mode
Master Clock Controller
Peripherals
Clock Controller
ON/OFF
USB Clock Controller
ON/OFF
SLCK
MAINCK
PLLCK
Prescaler
/1,/2,/4,...,/64
Programmable Clock Controller
PLLCK
Divider
/1,/2,/4
pck[0..2]
usb_suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47