Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC912XDP512F0CALR Fiches technique(PDF) 93 Page - Freescale Semiconductor, Inc

No de pièce SC912XDP512F0CALR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC912XDP512F0CALR Fiches technique(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button SC912XDP512F0CALR Datasheet HTML 89Page - Freescale Semiconductor, Inc SC912XDP512F0CALR Datasheet HTML 90Page - Freescale Semiconductor, Inc SC912XDP512F0CALR Datasheet HTML 91Page - Freescale Semiconductor, Inc SC912XDP512F0CALR Datasheet HTML 92Page - Freescale Semiconductor, Inc SC912XDP512F0CALR Datasheet HTML 93Page - Freescale Semiconductor, Inc SC912XDP512F0CALR Datasheet HTML 94Page - Freescale Semiconductor, Inc SC912XDP512F0CALR Datasheet HTML 95Page - Freescale Semiconductor, Inc SC912XDP512F0CALR Datasheet HTML 96Page - Freescale Semiconductor, Inc SC912XDP512F0CALR Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 1348 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
93
Table 2-8. RTI Frequency Divide Rates for RTDEC = 1
RTR[3:0]
RTR[6:4] =
000
(1x103)
001
(2x103)
010
(5x103)
011
(10x103)
100
(20x103)
101
(50x103)
110
(100x103)
111
(200x103)
0000 (
÷1)
1x103
2x103
5x103
10x103
20x103
50x103
100x103
200x103
0001 (
÷2)
2x103
4x103
10x103
20x103
40x103
100x103
200x103
400x103
0010 (
÷3)
3x103
6x103
15x103
30x103
60x103
150x103
300x103
600x103
0011 (
÷4)
4x103
8x103
20x103
40x103
80x103
200x103
400x103
800x103
0100 (
÷5)
5x103
10x103
25x103
50x103
100x103
250x103
500x103
1x106
0101 (
÷6)
6x103
12x103
30x103
60x103
120x103
300x103
600x103
1.2x106
0110 (
÷7)
7x103
14x103
35x103
70x103
140x103
350x103
700x103
1.4x106
0111 (
÷8)
8x103
16x103
40x103
80x103
160x103
400x103
800x103
1.6x106
1000 (
÷9)
9x103
18x103
45x103
90x103
180x103
450x103
900x103
1.8x106
1001 (
÷10)
10 x103
20x103
50x103
100x103
200x103
500x103
1x106
2x106
1010 (
÷11)
11 x103
22x103
55x103
110x103
220x103
550x103
1.1x106
2.2x106
1011 (
÷12)
12x103
24x103
60x103
120x103
240x103
600x103
1.2x106
2.4x106
1100 (
÷13)
13x103
26x103
65x103
130x103
260x103
650x103
1.3x106
2.6x106
1101 (
÷14)
14x103
28x103
70x103
140x103
280x103
700x103
1.4x106
2.8x106
1110 (
÷15)
15x103
30x103
75x103
150x103
300x103
750x103
1.5x106
3x106
1111 (
÷16)
16x103
32x103
80x103
160x103
320x103
800x103
1.6x106
3.2x106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More