| Moteur de recherche de fiches techniques de composants électroniques |
|
M41T62 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T62 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 41 page ![]() Clock operation M41T62/63/64/65 30/41 Doc ID 10397 Rev 14 Table 9. Initial power-on default values Condition Device ST OF OFIE OUT FT AFE SQWE 32KE RS3-1 RS0 Watchdog Initial power-up(1) 1. All other control bits power up in an undetermined state. M41T62 0 1 0 1 N/A 0 1 N/A 0 1 0 M41T63 0 1 N/A N/A N/A N/A 1 N/A 0 1 0 M41T64 0 1 N/A N/A N/A N/A 0 1 0 1 0 M41T65 0 1 0 1 0 0 N/A N/A N/A N/A 0 Table 10. Century bits examples CB0 CB1 Leap year? Example(1) 1. Leap year occurs every four years (for years evenly divisible by four), except for years evenly divisible by 100. The only exceptions are those years evenly divisible by 400 (the year 2000 was a leap year, year 2100 is not). 00 Yes 2000 0 1 No 2100 1 0 No 2200 1 1 No 2300 |