Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34E02-FDW1TP Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce M34E02-FDW1TP
Description  2 Kbit serial presence detect (SPD) EEPROM for double data rate (DDR1 and DDR2) DRAM modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FDW1TP Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button M34E02-FDW1TP Datasheet HTML 24Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 25Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 26Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 27Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 28Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 29Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 30Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 31Page - STMicroelectronics M34E02-FDW1TP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Package mechanical data
M34E02, M34E02-F
28/34
Doc ID 10367 Rev 10
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34