Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSH80IYLT Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce TSH80IYLT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80IYLT Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button TSH80IYLT Datasheet HTML 19Page - STMicroelectronics TSH80IYLT Datasheet HTML 20Page - STMicroelectronics TSH80IYLT Datasheet HTML 21Page - STMicroelectronics TSH80IYLT Datasheet HTML 22Page - STMicroelectronics TSH80IYLT Datasheet HTML 23Page - STMicroelectronics TSH80IYLT Datasheet HTML 24Page - STMicroelectronics TSH80IYLT Datasheet HTML 25Page - STMicroelectronics TSH80IYLT Datasheet HTML 26Page - STMicroelectronics TSH80IYLT Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
TSH80, TSH81, TSH82, TSH84
Ordering information
Doc ID 9413 Rev 5
25/27
6
Ordering information
Table 12.
Order codes
Type
Temperature
range
Package
Packaging
Marking
TSH80ILT
-40°C to +85°C
SOT23-5
Tape & reel
K303
TSH80IYLT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
SOT23-5
(Automotive grade level)
K310
TSH80ID/DT
SO-8
Tube or
tape & reel
TSH80I
TSH80IYD/IYDT(1)
SO-8
(Automotive grade level)
SH80IY
TSH81ID/DT
SO-8
TSH81I
TSH81IPT
TSSOP8
Tape & reel
SH81I
TSH82ID/DT
SO-8
Tube or
tape & reel
TSH82I
TSH82IPT
TSSOP8
Tape & reel
SH82I
TSH84IPT
TSSOP14
Tape & reel
SH84I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27