| Moteur de recherche de fiches techniques de composants électroniques |
|
TSH80 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH80 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 27 page ![]() TSH80, TSH81, TSH82, TSH84 Ordering information Doc ID 9413 Rev 5 25/27 6 Ordering information Table 12. Order codes Type Temperature range Package Packaging Marking TSH80ILT -40°C to +85°C SOT23-5 Tape & reel K303 TSH80IYLT(1) 1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent are on-going. SOT23-5 (Automotive grade level) K310 TSH80ID/DT SO-8 Tube or tape & reel TSH80I TSH80IYD/IYDT(1) SO-8 (Automotive grade level) SH80IY TSH81ID/DT SO-8 TSH81I TSH81IPT TSSOP8 Tape & reel SH81I TSH82ID/DT SO-8 Tube or tape & reel TSH82I TSH82IPT TSSOP8 Tape & reel SH82I TSH84IPT TSSOP14 Tape & reel SH84I |