Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STG3157 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STG3157
Description  Low voltage low on-resistance SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3157 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STG3157_10 Datasheet HTML 9Page - STMicroelectronics STG3157_10 Datasheet HTML 10Page - STMicroelectronics STG3157_10 Datasheet HTML 11Page - STMicroelectronics STG3157_10 Datasheet HTML 12Page - STMicroelectronics STG3157_10 Datasheet HTML 13Page - STMicroelectronics STG3157_10 Datasheet HTML 14Page - STMicroelectronics STG3157_10 Datasheet HTML 15Page - STMicroelectronics STG3157_10 Datasheet HTML 16Page - STMicroelectronics STG3157_10 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STG3157
Package information
Doc ID 9007 Rev 2
13/18
Table 10.
SOT323-6L
mechanical data
Dim.
mm.
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.10
31.5
43.3
A1
0.00
0.10
0.0
3.9
A2
0.80
1.00
31.5
39.4
b
0.15
0.30
5.9
11.8
C
0.10
0.18
3.9
7.1
D
1.80
2.20
70.9
86.6
E
1.80
2.40
70.9
94.5
E1
1.15
1.35
45.3
53.1
e
0.65
25.6
e1
1.3
51.2
L
0.10
0.30
3.9
11.8
Figure 13.
Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18