Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN851 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STN851
Description  Low voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN851 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STN851 Datasheet HTML 2Page - STMicroelectronics STN851 Datasheet HTML 3Page - STMicroelectronics STN851 Datasheet HTML 4Page - STMicroelectronics STN851 Datasheet HTML 5Page - STMicroelectronics STN851 Datasheet HTML 6Page - STMicroelectronics STN851 Datasheet HTML 7Page - STMicroelectronics STN851 Datasheet HTML 8Page - STMicroelectronics STN851 Datasheet HTML 9Page - STMicroelectronics STN851 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STN851
Package mechanical data
7/10
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and products status are available at: www.st.com.
ECOPACK is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10