| Moteur de recherche de fiches techniques de composants électroniques |
|
TSH512CFT Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH512CFT Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 31 page ![]() TSH512 Ordering information Doc ID 8120 Rev 7 29/31 7 Ordering information Table 7. Order codes Part number Temperature range Package Packing Marking TSH512CF -40° C to +85°C TQFP44 Tray TSH512C TSH512CFT Tape & reel TSH512CYFT(1) 1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent. TQFP44 (automotive grade level) Tape & reel TSH512CYF |