| Moteur de recherche de fiches techniques de composants électroniques |
|
TSH512CF Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH512CF Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 31 page ![]() TSH512 General description Doc ID 8120 Rev 7 23/31 The monostable holds the TSH512 in transmit mode during a delay fixed by the value of CTRIG connected to pin 29. Note that the VOX function is activated when the audio signal enters the first transmitter TX1. When the application needs a permanent transmission, it is possible to inhibit the VOX function, by removing the Ctrig capacitor and connecting pin 29 to ground. As soon as the TSH512 is powered-on, the internal reset circuitry sets the VOX-MUTE to high state to enable transmission. The transmission remains during the monostable timing and continues if an audio signal triggers the monostable. Figure 31. VOX state at power-on VOX DELAY 1.4V 5 μA ------------ ⎝⎠ ⎛⎞ C trig ⋅ = time VOX -MUTE POWER SUPPLY on off VOX Delay (Ctrig) 0 1 high state if retriggered by audio |