Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA015T Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Fiches technique(HTML) 2 Page - STMicroelectronics

  STA015T Datasheet HTML 1Page - STMicroelectronics STA015T Datasheet HTML 2Page - STMicroelectronics STA015T Datasheet HTML 3Page - STMicroelectronics STA015T Datasheet HTML 4Page - STMicroelectronics STA015T Datasheet HTML 5Page - STMicroelectronics STA015T Datasheet HTML 6Page - STMicroelectronics STA015T Datasheet HTML 7Page - STMicroelectronics STA015T Datasheet HTML 8Page - STMicroelectronics STA015T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
2/56
Figure 1.
1a. Block Diagram for TQFP44 and LFBGA64 package.
1b. BLOCK DIAGRAM for SO28 package
I
2C CONTROL
SERIAL
INPUT
INTERFACE
BUFFER
256 x 8
MPEG L III
ADPCM
CORE
VOLUME
& TONE
CONTROL
OUTPUT
BUFFER
PCM
OUTPUT
INTERFACE
GPIO
INTERFACE
GPSO
INTERFACE
PARSER
25
31
32
RESET
SDA
SCL
34
36
38
27
BIT_EN
DATA-REQ
SCKR
SDI
ADC
INPUT
INTERFACE
40
26
24
SDI_ADC
LRCK_ADC
SCK_ADC
SDO
IODATA
[7:0]
STROBE
42
43
41
39
37
14
16
18
20
35
44
2
3
SCKT
LRCKT
GPSO_REQ
4
28
33
GPSO_SCKR
GPSO_DATA
OCLK
SYSTEM & AUDIO CLOCKS
XTI
XTO
FILT
TESTEN
D99AU1116B
15
13
22
12
DSP BASED
TQFP44
I
2C CONTROL
SERIAL
INPUT
INTERFACE
BUFFER
256 x 8
MPEG L III
ADPCM
CORE
VOLUME
& TONE
CONTROL
OUTPUT
BUFFER
PCM
OUTPUT
INTERFACE
PARSER
26
34
RESET
SDA
SCL
5
6
7
28
BIT_EN
GPSO_SCKR
SCKR
SDI
ADC
INPUT
INTERFACE
8
27
25
SDI_ADC
LRCK_ADC
SCK_ADC
SDO
9
10
11
12
SCKT
LRCKT
OCLK
SYSTEM & AUDIO CLOCKS
XTI
XTO
FILT
TESTEN
D99AU1117B
21
20
24
19
DSP BASED
SO28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56