| Moteur de recherche de fiches techniques de composants électroniques |
|
STA015 Fiches technique(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA015 Fiches technique(HTML) 48 Page - STMicroelectronics |
|
48 / 56 page ![]() Obsolete Product(s) - Obsolete Product(s) STA015 48/56 6.3.5 XTI,XTO and CLK_OUT timings txto = 1.40 + pad_timing (Cload_XTO) ns tclk_out = 4 + pad_timing (Cload_CLK_OUT) ns Note: In "multimedia" mode, the CLK_OUT pad is DATA_REQ. In that case, no timing is given between the XTI input and this pad. 6.3.6 RESET The Reset min duration (t_reset_low_min) is 100ns 6.4 CONFIGURATION FLOW EXAMPLE XTI (INPUT) XTO CLK_OUT txto tclk_out D98AU973 thi tlo RESET D98AU974 treset_low_min HW RESET set PCM OUTPUT INTERFACE CONFIGURATION set set PCM-DIVIDER PCM-CONF. PLL FRAC_441_H, PLL FRAC_441_L, PLL FRAC_H, PLL FRAC_L } { set MFS DF_441, MFSDF } { PLL CONFIGURATION FOR: set PLL CTRL 48, 44.1, 32 29, 22.05, 16 12, 11.025, 8 } KHz • { set SCKR_POL INPUT SERIAL CLOCK POLARITY CONFIGURATION set CHIP_MODE SELECT OPERATIONAL MODE set REQ_POL DATA REQUEST POLARITY CONFIGURATION RUN set • MULTIMEDIA MODE see {TAB 5 to TAB12} D00AU1146A |