Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT521 Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce CAT521
Description  Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT521 Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button CAT521 Datasheet HTML 5Page - ON Semiconductor CAT521 Datasheet HTML 6Page - ON Semiconductor CAT521 Datasheet HTML 7Page - ON Semiconductor CAT521 Datasheet HTML 8Page - ON Semiconductor CAT521 Datasheet HTML 9Page - ON Semiconductor CAT521 Datasheet HTML 10Page - ON Semiconductor CAT521 Datasheet HTML 11Page - ON Semiconductor CAT521 Datasheet HTML 12Page - ON Semiconductor CAT521 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Not Recommended for New Design
CAT521
© 2008 SCILLC. All rights reserved.
11
Doc. No. MD-2003 Rev. I
Characteristics subject to change without notice
SOIC 14-Lead (W)
(1)(2)
TOP VIEW
PIN#1 IDENTIFICATION
E
D
A
eb
A1
L
h
c
E1
SIDE VIEW
END VIEW
θ
SYMBOL
MIN
NOM
MAX
A
1.35
1.75
A1
0.10
0.25
b
0.33
0.51
c
0.19
0.25
D
8.55
8.65
8.75
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e
1.27 BSC
h
0.25
0.50
L
0.40
1.27
θ
0º
8º
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MS-012.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13