| Moteur de recherche de fiches techniques de composants électroniques |
|
68HC05P9A Fiches technique(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05P9A Fiches technique(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 90 page ![]() TABLE OF CONTENTS Section Title Page GENERAL RELEASE SPECIFICATION Rev. 2.0 v 8.6 Timer During Wait Mode ................................................................................. 8-7 8.7 Timer During Stop Mode ................................................................................. 8-7 SECTION 9 COMPUTER OPERATING PROPERLY (COP) 9.1 Resetting The COP ......................................................................................... 9-1 9.2 COP During Wait Mode ................................................................................... 9-1 9.3 COP During Stop Mode .................................................................................. 9-1 SECTION 10 ANALOG-TO-DIGITAL (A/D) CONVERTER 10.1 Conversion Process ....................................................................................... 10-1 10.2 A/D Status and Control Register (ADSCR) .................................................... 10-2 10.3 A/D Data Register (ADDR)............................................................................. 10-3 10.4 A/D Converter During Wait Mode................................................................... 10-4 10.5 A/D Converter During Stop or Halt Mode....................................................... 10-4 SECTION 11 SELF-CHECK MODE SECTION 12 INSTRUCTION SET 12.1 Addressing Modes ........................................................................................ 12-1 12.1.1 Inherent ..................................................................................................... 12-1 12.1.2 Immediate ................................................................................................. 12-2 12.1.3 Direct ........................................................................................................ 12-2 12.1.4 Extended ................................................................................................... 12-2 12.1.5 Indexed, No Offset .................................................................................... 12-2 12.1.6 Indexed, 8-Bit Offset ................................................................................. 12-2 12.1.7 Indexed, 16-Bit Offset ............................................................................... 12-3 12.1.8 Relative ..................................................................................................... 12-3 12.2 Instruction Types ........................................................................................... 12-4 12.2.1 Register/Memory Instructions ................................................................... 12-4 12.2.3 Read-Modify-Write Instructions ................................................................ 12-5 12.2.4 Jump/Branch Instructions ......................................................................... 12-5 12.2.5 Bit Manipulation Instructions ..................................................................... 12-7 12.2.6 Control Instructions ................................................................................... 12-7 12.3 Instruction Set Summary ............................................................................... 12-8 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |