Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2122DH2NA Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce 2122DH2NA
Description  Miniature Electropneumatic Timing Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

2122DH2NA Fiches technique(HTML) 2 Page - Tyco Electronics

  2122DH2NA Datasheet HTML 1Page - Tyco Electronics 2122DH2NA Datasheet HTML 2Page - Tyco Electronics 2122DH2NA Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1255
AGASTAT
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Outline Dimensions for Industrial Models (Dimensions in inches. Multiply by 25.4 to obtain millimeters.)
Ordering Information for Industrial Models
Typical Part No.
➤
21
1
2
D
4
N
B
1. Basic Series:
21 = 2100 Miniature electropneumatic timing relay
2. Operation:
1 = On-delay
2 = Off-delay
3. Contact Arrangement:
2 = DPDT (2 form C)
4. Operating Voltage:
A = AC
D = DC
5. Physical Characteristics:
Code
Enclosure
Adjustment
Connector
Mounting
4 =
Unsealed
External Knob
Octal Plug
Chassis Mount
5 =
Unsealed
Internal Key
Octal Plug
Chassis Mount
9 =
Unsealed
Internal Key
Solder Hook
Panel Mount Plate
6. Coil Voltage:
M = 12VDC
N = 28VDC
P = 48VDC
R = 110VDC
Y = 125VDC
S = 120VAC, 50/60 Hz.
T = 240VAC, 60 Hz.
7. Timing Range:
A = .03 to .1 sec.
C = .15 to 1.0 sec.
E = .75 to 10.0 sec.
H = 5.0 to 120.0 sec.
K = 1.5 to 30.0 cycles
B = .1 to .3 sec.
D = .375 to 3.0 sec.
F = 1.0 to 30.0 sec.
J = 5.0 to 180.0 sec.
L = 3.0 to 120.0 cycles
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery..
None at present.



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com