Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28C17API-20T Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce CAT28C17API-20T
Description  16 kb CMOS Parallel EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C17API-20T Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button CAT28C17API-20T Datasheet HTML 4Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 5Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 6Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 7Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 8Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 9Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 10Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 11Page - ON Semiconductor CAT28C17API-20T Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT28C17A
http://onsemi.com
9
PACKAGE DIMENSIONS
PLCC 32
CASE 776AK−01
ISSUE O
E1
E2
E
PIN#1 IDENTIFICATION
D
D1
be
b1
D2
A2
A3
SIDE VIEW
TOP VIEW
END VIEW
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC MS-016.
SYMBOL
MIN
NOM
MAX
A2
A3
b
b1
D
D1
D2
E
E1
e
E2
2.54
0.33
0.66
12.32
12.10
11.36
9.56
14.86
0.38
2.80
0.54
0.82
12.57
13.86
11.50
11.32
15.11
1.27 BSC
13.90
14.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12