Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UJA1075TW/5V0/WD Fiches technique(PDF) 43 Page - NXP Semiconductors

No de pièce UJA1075TW/5V0/WD
Description  High-speed CAN/LIN core system basis chip
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1075TW/5V0/WD Fiches technique(HTML) 43 Page - NXP Semiconductors

Back Button UJA1075TW/5V0/WD Datasheet HTML 39Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 40Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 41Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 42Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 43Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 44Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 45Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 46Page - NXP Semiconductors UJA1075TW/5V0/WD Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
UJA1075_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
43 of 53
NXP Semiconductors
UJA1075
High-speed CAN/LIN core system basis chip
[7]
The watchdog will be reset if it is in window mode and is triggered at least ttrig(wd)1, but not more than ttrig(wd)2, after the start of the
watchdog period (or in the second half of the watchdog period). A system reset will be performed if the watchdog is triggered more than
ttrig(wd)2 after the start of the watchdog period (watchdog overflows).
Fig 15. Timing test circuit for CAN transceiver
Fig 16. CAN transceiver timing diagram
SBC
BAT
CANL
CANH
TXDC
RCANH − RCANL
RXDC
CRXDC
GND
CCANH − CCANL
015aaa079
CANH
CANL
td(TXDC-busdom)
TXDC
VO(dif)bus
RXDC
HIGH
HIGH
LOW
LOW
dominant
recessive
0.9 V
0.5 V
td(busdom-RXDC)
td(TXDC-busrec)
td(busrec-RXDC)
td(TXDCH-RXDCH)
td(TXDCL-RXDCL)
015aaa151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53